PART |
Description |
Maker |
0603HP-16NXL 0603HP-R20XGLW 0603HP-R20X-L- 0603HP- |
Higher Q and lower DCR than other 0603 inductors, Highest SRF values ?as high as 16 GHz Chip Inductors - 0603HP Series
|
Coilcraft lnc.
|
5PNR-3538Z 332PN-3489Z 332PN-3490Z 332PN-3491Z 332 |
Variable Coils Inductance Range(uH) = 56.0 Inductance Range(uH) = 82.0 Inductance Range(uH) = 120.0 Inductance Range(uH) = 470.0
|
http:// TOKO Inc. TOKO[TOKO, Inc] TOKO, Inc.
|
DFE18SANR24ME0 |
When rated current is applied to the products, inductance will be within 30% of initial inductance value range
|
Murata Manufacturing Co...
|
PM3308-151M-RC |
Power Inductor; Series:PM3308; Inductance:150uH; Inductance Tolerance: /- 20 %; Terminal Type:PCB Surface Mount; Core Material:Ferrite; Current Rating:0.5A; DC Resistance Max:1.2ohm; Leaded Process Compatible:Yes
|
BOURNS INC
|
PM105-390M-RC |
Power Inductor; Series:PM105; Inductance:39uH; Inductance Tolerance: /- 20 %; Self Resonant Frequency:12MHz; Terminal Type:PCB Surface Mount; Core Material:Ferrite; Current Rating:1.37A; DC Resistance Max:0.14ohm
|
BOURNS INC
|
SRU6025-100Y SRU6025-150Y SRU6025-151Y SRU6025-220 |
CHOKE, POWER, SHIELDED, 10UH; Inductor type:Shielded Power Choke; Inductance:10uH; Tolerance, inductance:30%; Resistance:57mR; Frequency, resonant:25MHz; Case style:SMD Shielded; Q factor:8; Material, core:Ferrite DR/RI; RoHS Compliant: Yes CHOKE, POWER, SHIELDED, 15UH; Inductor type:Shielded Power Choke; Inductance:15uH; Tolerance, inductance:30%; Resistance:86mR; Frequency, resonant:22MHz; Case style:SMD Shielded; Q factor:12; Material, core:Ferrite DR/RI; RoHS Compliant: Yes CHOKE, POWER, SHIELDED, 150UH; Inductor type:Shielded Power Choke; Inductance:150uH; Tolerance, inductance:30%; Resistance:770mR; Frequency, resonant:5MHz; Case style:SMD Shielded; Q factor:30; Material, core:Ferrite DR/RI; RoHS Compliant: Yes CHOKE, POWER, SHIELDED, 22UH; Inductor type:Shielded Power Choke; Inductance:22uH; Tolerance, inductance: /-30%; Resistance:130mR; Frequency, resonant:18MHz; Case style:SMD Shielded; Q factor:12; Material, core:Ferrite DR/RI; RoHS Compliant: Yes CHOKE, POWER, SHIELDED, 220UH; Inductor type:Shielded Power Choke; Inductance:220uH; Tolerance, inductance:30%; Resistance:1250mR; Frequency, resonant:4MHz; Case style:SMD Shielded; Q factor:20; Material, core:Ferrite DR/RI; RoHS Compliant: Yes CHOKE, POWER, SHIELDED, 33UH; Inductor type:Shielded Power Choke; Inductance:33uH; Tolerance, inductance:30%; Resistance:180mR; Frequency, resonant:12MHz; Case style:SMD Shielded; Q factor:12; Material, core:Ferrite DR/RI; RoHS Compliant: Yes CHOKE, POWER, SHIELDED, 4.7UH; Inductor type:Shielded Power Choke; Inductance:4.7uH; Tolerance, inductance: /-30%; Resistance:35mR; Frequency, resonant:42MHz; Case style:SMD Shielded; Q factor:8; Material, core:Ferrite DR/RI; RoHS Compliant: Yes CHOKE, POWER, SHIELDED, 68UH; Inductor type:Shielded Power Choke; Inductance:68uH; Tolerance, inductance: /-30%; Resistance:365mR; Frequency, resonant:8MHz; Case style:SMD Shielded; Q factor:10; Material, core:Ferrite DR/RI; RoHS Compliant: Yes
|
BOURNS INC
|
2109-V 2121-V |
1 ELEMENT, 47 uH, GENERAL PURPOSE INDUCTOR Toroidal Inductor; Series:2100; Inductance:560uH; Inductance Tolerance: /- 15 %; Terminal Type:Radial Leaded; Current Rating:1.5A; DC Resistance Max:0.30ohm; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No
|
BOURNS INC
|
BU2523 BU2523AF |
Inductor; Series:IHLP-2525CZ; Inductance:1.5uH; Inductance Tolerance: /- 20 %; Terminal Type:PCB Surface Mount; Current Rating:9A; Leaded Process Compatible:Yes; Mounting Type:Surface Mount; Packaging:Tape And Reel 扩散硅功率晶体管 Silicon Diffused Power Transistor
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
HNC1-2.5P-12DSL HNC2-2.5P-10DS HNC2-2.5P-10DSL HNC |
2.5mm Pitch Connector for Discrete Wire Connection 2.5毫米间距连接线连接离 RESISTOR 2.4 OHM .5W CARB COMP 2.5毫米间距连接线连接离 Inductor; Series:IHLP-2525CZ; Inductance:4.7uH; Inductance Tolerance: /- 20 %; Terminal Type:PCB Surface Mount; Current Rating:5.5A; Leaded Process Compatible:Yes; Mounting Type:Surface Mount; Packaging:Tape And Reel 2.5毫米间距连接线连接离 Inductor; Series:IHLP-2525CZ; Inductance:3.3uH; Inductance Tolerance: /- 20 %; Terminal Type:PCB Surface Mount; Current Rating:6A; Leaded Process Compatible:Yes; Mounting Type:Surface Mount; Packaging:Cut Tape INDUCTOR 2525CZ 0.47 UH 20% LOW PROFILE HIGH CURRENT Inductor; Inductor Type:High Frequency; Inductance:2.2uH; Inductance Tolerance: 20 %; Current Rating:8A; Series:IHLP-2525CZ; Package/Case:PCB Surface Mount; Leaded Process Compatible:Yes; Mounting Type:Surface Mount RoHS Compliant: Yes
|
HIROSE ELECTRIC Co., Ltd. Hirose Electric USA, INC. HIROSE[Hirose Electric]
|
VN920DSO VN920D-B513TR -VN920D-B513TR |
INDUCTOR, AXIAL, 220UH; Inductor type:Choke; Inductance:220uH; Tolerance, inductance: /-20%; Resistance:2.6R; Current, DC max:0.5A; Frequency INDUCTOR, AXIAL, 100UH; Inductor type:Choke; Inductance:100uH; Tolerance, inductance: /-20%; Resistance:0.65R; Current, DC max:1A; Frequency, resonant:55MHz; Case style:Axial; Material, core:Ferrite; Tolerance, :20%; Tolerance, RoHS Compliant: Yes INDUCTOR, AXIAL, 56UH; Inductor type:Choke; Inductance:56uH; Tolerance, inductance: /-20%; Resistance:0.3R; Current, DC max:1.5A; Frequency, resonant:70MHz; Case style:Axial; Material, core:Ferrite; Tolerance, :20%; Tolerance, RoHS Compliant: Yes
|
意法半导
|
|